PART |
Description |
Maker |
ST72F324BK6B5 ST72F324BK4B5 ST72F324BK4B6 ST72F324 |
5V RANGE 8-BIT MCU WITH 8 TO 32K FLASH/ROM, 10-BIT ADC, 4 TIMERS, SPI, SCI INTERFACE
|
STMICROELECTRONICS[STMicroelectronics]
|
UAA2050T |
8-bit MCU for automotive, 3.8 to 5.5V operating range with 8 to 32 Kbyte Flash/ROM, 10-bit ADC, 4 timers, SPI, SCI
|
|
ST72F324J6TC ST72P324J6TC ST72324BK2B5 ST72P324J4B |
5V RANGE 8-BIT MCU WITH 8 TO 32K FLASH/ROM, 10-BIT ADC, 4 TIMERS, SPI, SCI INTERFACE 8-BIT MCU WITH NESTED INTERRUPTS, FLASH, 10-BIT ADC, 4 TIMERS, SPI, SCI INTERFACE
|
ST Microelectronics
|
UAA2080TD |
3.3V range 8-bit MCU for automotive with 16/32 Kbyte Flash or 16 Kbyte ROM, 10-bit ADC, 4 timers, SPI and SCI interfaces 询价/ FSK信号解调
|
ALPS Electric Co., Ltd.
|
PE-67050 PE-67100 PE-67300 PE-67200 |
Meets IEC950 insulation requirements 3750VRMS primary to secondary breakdown voltage Frequency range 10kHz to 200kHz IC,MCU,MC68701,8-BIT,DIP-40 29 I/O,2MHZ 8-BIT, UVPROM, 1 MHz, MICROCONTROLLER, CDIP28
|
Pulse Engineering, Inc.
|
PIC16F74 PIC16F74I_L PIC16F74I_P PIC16F74I_PT PIC1 |
28/40-Pin 8-Bit CMOS FLASH Microcontrollers IC-SMD-8-BIT MCU
IC-8-BIT MCU
|
Microchip Technology
|
SST89E554RC-25-C-NJ SST89E564RD-25-C-NJ SST89E554R |
MCF5445X V4M CORE, MMU, FlashFlex51单片 FlashFlex51 MCU 8-BIT, FLASH, 33 MHz, MICROCONTROLLER, PQCC44 FlashFlex51 MCU 8-BIT, FLASH, 40 MHz, MICROCONTROLLER, PQCC44 FlashFlex51 MCU 8-BIT, FLASH, 40 MHz, MICROCONTROLLER, PQFP44 FlashFlex51 MCU 8-BIT, FLASH, 40 MHz, MICROCONTROLLER, PDIP40 FlashFlex51 MCU 8-BIT, FLASH, 33 MHz, MICROCONTROLLER, PDIP40 FlashFlex51 MCU 8-BIT, FLASH, 25 MHz, MICROCONTROLLER, PQFP44 FlashFlex51 MCU 8-BIT, FLASH, 25 MHz, MICROCONTROLLER, PQCC44 FlashFlex51 MCU 8-BIT, FLASH, 25 MHz, MICROCONTROLLER, PDIP40 FlashFlex51 MCU FlashFlex51单片 MCF547X V4ECORE MMU, FPU
|
http:// Silicon Storage Technology, Inc. SILICON STORAGE TECHNOLOGY INC
|
W78LE516/P/F |
8-bit MCU w/ 64Kx8 FLASH, 4Kx8 Boot FLASH, 512x8 RAM, 1 Serial Port, ISP, Wide Voltage Range
|
Winbond Electronics
|
ADUC824 ADUC824BCP ADUC824BCP-REEL ADUC824BS |
24-Bit ADC 16-Bit ADC 12-Bit DAC 8K-Byte Flash MCU Precision Analog Microcontroller: 1MIPS 8052 MCU 8kB Flash 16/24-Bit ADC 12-Bit DAC
|
Analog Devices
|
ADUC844 ADUC844BCP32-3 ADUC844BCP32-5 ADUC844BCP62 |
MicroConverter/ Dual 16-Bit/24-Bit ADCs with Embedded 62kB FLASH MCU MicroConverter? 1-Cycle 8052 MCU 24-Bit ADC 16-Bit ADC 12-Bit DAC 62 K-Byte Flash MicroConverter, Dual 16-Bit/24-Bit ADCs with Embedded 62kB FLASH MCU
|
AD[Analog Devices]
|
HT68F60 HT68F20 |
(HT68F20 - HT68F60) Enhanced I/O Flash Type MCU 8-Bit MCU
|
Holtek Semiconductor
|
|